PART |
Description |
Maker |
MC33761SNT1-25 MC33761SNT1-29 MC33761SNT1-50G MC33 |
Ultra Low-Noise Low Dropout Voltage Regulator with 1.0 V ON/OFF Control COMPACT FLASH CARD, 32MB Ultra Low-Noise Low Dropout Voltage Regulator with 1V ON/OFF Control 2.9 V FIXED POSITIVE LDO REGULATOR, 0.25 V DROPOUT, PDSO5 Ultra Low-Noise Low Dropout Voltage Regulator with 1V ON/OFF Control 3 V FIXED POSITIVE LDO REGULATOR, 0.25 V DROPOUT, PDSO5
|
ONSEMI[ON Semiconductor]
|
AMS1505CMV AMS1505CMV-15 AMS1505CMV-25 AMS1505CMV- |
5A ULTRA LOW DROPOUT VOLTAGE REGULATORS 1.5V 5A ultra low dropout voltage regulator 2.85V 5A ultra low dropout voltage regulator 3.0V 5A ultra low dropout voltage regulator 3.3V 5A ultra low dropout voltage regulator 5.0V 5A ultra low dropout voltage regulator 3.5V 5A ultra low dropout voltage regulator
|
http:// ADMOS[Advanced Monolithic Systems] Advanced Monolithic Systems, Inc.
|
AP131-20YL-13 AP131-20YL-7 AP131-18YL-13 AP131-18Y |
1.5A Fast Ultra Low Dropout Linear Regulators 2.5 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PDSO5 300mA LOW DROPOUT LINEAR REGULATOR WITH SHUTDOWN
|
Diodes, Inc. http:// Diodes Inc. DIODES[Diodes Incorporated]
|
AMC7637-1.5 AMC7637 AMC7637-1.8 AMC7637-2.5 AMC763 |
Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection ULTRA LOW IQ 300mA LOW DROPOUT REGULATOR
|
ADDtek Corp.
|
SC5205-2.5CSKTR SC5205-3.6CSKTR SC5205-3.0CSKTR SC |
RES 5.9K OHM 1/16W 0.1% 0402 SMD 150mA Ultra Low Dropout, Low Noise Micropower Linear Regulator 150mA Ultra Low Dropout/ Low Noise Micropower Linear Regulator
|
SEMTECH[Semtech Corporation]
|
NCP4561SN28T1 |
ULTRA LOW-NOISE LOW DROPOUT VOLTAGE REGULATOR WITH 1.0 ON/OFF CONTROL 2.8 V FIXED POSITIVE LDO REGULATOR, 0.25 V DROPOUT, PDSO5
|
ON Semiconductor
|
SC8863 SC8863-250CSK SC8863-280CSK SC8863-300CSK S |
150mA ULTRA LOW DROPOUT, LOW NOISE REGULATOR 150mA的超低压降,低噪声稳压器 150mA ULTRA LOW DROPOUT/ LOW NOISE REGULATOR
|
Semtech, Corp. SEMTECH[Semtech Corporation]
|
PIC6117 |
800mA Ultra-Low Dropout, Ultra-Fast CMOS LDO Regulator
|
Power IC Ltd.
|
MIC5225-2.7YM5 MIC5225-2.5YM5 MIC5225-3.0YM5 MIC52 |
Ultra-Low Quiescent Current 150mA 渭Cap Low Dropout Regulator Ultra-Low Quiescent Current 150mA μCap Low Dropout Regulator
|
Micrel Semiconductor
|
RT9013-33PU5 RT9013-16PB RT9013-33GU5 RT9013-2HPQW |
500mA, Low Dropout, Low Noise Ultra-Fast Without Bypass Capacitor CMOS LDO Regulator 00mA,低压差,低噪声超无旁路电容的CMOS LDO稳压器快 500mA, Low Dropout, Low Noise Ultra-Fast Without Bypass Capacitor CMOS LDO Regulator 500MA,低压差,低噪声,无旁路电容的CMOS LDO超快速稳压器 500mA, Low Dropout, Low Noise Ultra-Fast Without Bypass Capacitor CMOS LDO Regulator 00mA,低压差,低噪声超无旁路电容的CMOS LDO快速稳压器 500mA, Low Dropout, Low Noise Ultra-Fast Without Bypass Capacitor CMOS LDO Regulator 500MA,低压差,低噪声,无旁路电容的CMOS LD超快速O稳压
|
Richtek Technology, Corp.
|
MAX8842ELT MAX8840ELT MAX8840ELT16T MAX8840ELT18T |
Ultra-Low-Noise, High PSRR, Low-Dropout, 150mA Linear Regulators in μDFN Ultra-Low-Noise, High PSRR, Low-Dropout, 150mA Linear Regulators in レDFN
|
MAXIM[Maxim Integrated Products]
|
UEP2A222MDD UEP2A221MED.PD UEP2A221MHD UEP2A332MED |
5 V / 150 mA LDO w/ Reset, Delay, Adjustable Reset and Early Warning USB Positive Overvoltage Protection Controller Overvoltage Protection Device 200 mA, Ultra-Low Noise, High PSSR, BiCMOS RF LDO Regulator Wide Bandwidth, 4-Channel 2:1 Video Switch Dual Output, High Accuracy, Low Dropout Regulator 1.5A Ultra-low Voltage Fast Transient Response Low Dropout Regulator 铝电解电容器 ALUMINUM ELECTROLYTIC CAPACITORS 铝电解电容器 ALUMINUM ELECTROLYTIC CAPACITORS CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, NON-POLARIZED, 25 V, 1000 uF, THROUGH HOLE MOUNT 80 mA CMOS Low Iq, Low-Dropout Voltage Regulator 铝电解电容器 Post Driver Regulator 铝电解电容器 150 mA CMOS Ultra Low Iq and IGND LDO Regulator with Enable 铝电解电容器 500mA CMOS LDO 铝电解电容器 100 mA, 5.0V, LDO w/ Reset, Delay, and Early Warning 铝电解电容器 3.4 A, Step-Up/Step-Down/Inverting Switching Regulator (50-300 kHz) (ext temp - Auto) 铝电解电容器
|
Nichicon Corporation Nichicon, Corp. Microchip Technology, Inc.
|